extreme temperature silicon capacitor xtsc0402 22nf 935.133.424.522 key features ? ultra low profle (100m) ? ultra high temperature up to 250c; ? temperature coef<1.5% (-55 to +250c) ? voltage < 0.1 % / v ? negligible capacitance loss through ageing ? unique high capacitance in eia/0402 package size, up to 100nf ? high reliability (fit < 0.017 parts / billion hours) ? low leakage current down to 100pa ? low esl and low esr ? suitable with lead free refow-soldering key applications ? 250 c requirements, high temperature applications, such as military, aerospace, automotive & downhole industries. ? high reliability applications ? decoupling / filtering / charge pump (ie. pressure sensor, motor managment) ? replacement of x8r and c0g dielectrics ? downsizing 2 & 4 hellesdon park road, norwich, norfolk, nr6 5dr +44 (0)1603 788967 www.micross.com chipcomponents@micross.com pb the ipdia technology features a capacitor integration capability (up to 250nf/mm 2 ) which allows a capacitance value similar to x8r dielectric, but with better electrical performances than c0g/np0 dielectrics. this technology also ofers high reliability, up to 10 times better than alternative capacitor technologies. this silicon based technology is rohs compliant and compatible with lead free refow soldering process. part number 935.132. b. 2 s. u. xx breakdown size: unit: value ie. 47nf/0402 case (xtsc type) 935.133.424.547 voltage: 2 = 1005 0 = 10f 5 = 1n 4 = 11v 3 = 0201 1 = 0.1p 6 = 10n 7 = 30v 4 = 0402 2 = 1p 7 = 0.1u 3 = 10p 8 = 1u 4 = 0.1n 9 = 10u parameters value capacitance range 100pf to 100nf capacitance tolerances 15% operating temperature range -55c to 250c storage temperatures -70c to 265c temperature coefcient <1.5%, from -55c to +250c breakdown voltage (bv) 11vdc, 30vdc capacitance variation vs. rvdc 0.1% i v (from 0 v to rvdc) equivalent serial inductor (esl) max 100ph equivalent serial resistor (esr) max 400m? insulation resistance 50g? min @ 3v,25c 10g? min @ 3v, 250c ageing negligible, < 0.001% / 1000h reliability fit < 0.017 parts / billion hours capacitor height max 400m
|